Part Number Hot Search : 
UPD70F3 KA7906TU 1512D FM206 LC5547LF SK108P C1004 4A60S
Product Description
Full Text Search
 

To Download EKS00DD133P00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EKS
Vishay Roederstein
Aluminum Capacitors Radial Style
FEATURES
* * * * * Polarized Aluminum electrolytic capacitor High C*U product Small dimensions Long lifetime Extended temperature range: 105 C
RoHS
COMPLIANT
APPLICATIONS
Component outlines.
* Industrial electronics, automotive electronics, telecommunication systems, audio / video systems * Smoothing, filtering, timing elements * Small space requirement * Portable and mobile units
QUICK REFERENCE DATA
DESCRIPTION Nominal case size (OD x L) Rated capacitance range CR Capacitance tolerance Rated voltage range Category temperature range Endurance test at upper category temp. Useful life at 105 C and IR applied Useful life at 85 C and IR applied Useful life at 40C and IR applied Failure rate Based on sectional specifications Based on detailed specifications Climatic category IEC 68 DIN 40040 UNIT mm F % V C h h h h 10-9/h VALUE 5 x 11 to 8 x 11.5 10 x 12.5 to 18 x 40 0.47 to 10000 20 6.3 to 450 6.3 to 100 V 160 to 350 V 400, 450 V - 55 to 105 - 40 to 105 - 25 to 105 1000 2000 1500 2500 6000 10000 140000 230000 45 IEC 384-4, CECC 30300, GP grade similar to CECC 30301-037, similar to DIN 45910 part 124 without quality assessment -40 to 85 55/105/56 FMF -40 to 85 40/105/56 GMF -40 to 85 25/105/56 HMF
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (OD x L in mm)
CR (F) 10 16 25 0.47 1.0 2.2 3.3 4.7 10 22 33 47 5 x 11 100 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 220 6.3 x 11 8 x 11.5 10 x 12.5 330 8 x 11.5 10 x 16 470 8 x 11.5 10 x 12.5 1000 10 x 16 10 x 20 13 x 20 13 x 25 16 x 25 2200 13 x 20 16 x 25 16 x 31.5 3300 13 x 25 4700 16 x 25 16 x 31.5 18 x 35.5 16 x 40 6800 16 x 31.5 10000 18 x 35.5 10% capacitance tolerance on request 35 50 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 16 10 x 16 13 x 16 10 x 20 13 x 20 13 x 25 16 x 25 16 x 31.5 18 x 35.5 18 x 35.5 RATED VOLTAGE [V] 63 100 160 250 350 400 5 x 11 6.3 x 11 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 5 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 16 5 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 16 5 x 11 6.3 x 11 10 x 16 10 x 16 10 x 20 13 x 20 6.3 x 11 8 x 11.5 10 x 20 13 x 20 13 x 25 13 x 25 6.3 x 11 10 x 12.5 13 x 20 13 x 20 16 x 25 15 x 25 8 x 11.5 10 x 16 13 x 20 13 x 25 16 x 31.5 16 x 35.5 10 x 12.5 13 x 20 16 x 25 16 x 35.5 18 x 40 13 x 16 16 x 25 16 x 40 13 x 20 16 x 25 18 x 40 13 x 25 16 x 31.5 16 x 31.5 450 8 x 11.5 10 x 12.5 10 x 16 10 x 20 13 x 20 16 x 25 16 x 13.5 18 x 40 -
www.vishay.com 242
For technical questions contact: aluminumcaps3@vishay.com
Document Number: 25007 Revision: 18-Aug-04
EKS
Aluminum Capacitors Radial Style
DIMENSIONS in millimeters AND AVAILABLE FORMS
Od Casing Insulation
Vishay Roederstein
Dmax
Dmax
Lmax
15 min
4 min
Lmax
4.5 0.5
5 OD 18 Long leads EKS 00...
5 OD 18 Shortened leads EKS 05... (S = 2 / 2.5 / 3.5 / 5 / 7.5 mm)
2 0.2 4.5 0.5
2 max 4.5 0.5
10 OD 18 Leads shortened and formed EKS 06... (S = 5 / 7.5 mm)
5 OD 8 Leads bent open, shortened EKS 09... (S = 5 mm)
4.50.5
2 max 2 max
5 OD 8 Leads bent open, shortened and formed EKS 09... (S = 5 mm)
RADIAL STYLE: DIMENSIONS in millimeters
NOMINAL CASE SIZE D x L 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 13 x 16 13 x 20 13 x 25 16 x 25 16 x 31.5 18 x 35.5 16 x 40 18 x 35.5 18 x 40 Document Number: 25007 Revision: 18-Aug-04 MAXIMUM SIZE DMAX. x LMAX. 5.5 x 12.0 6.8 x 12.0 8.5 x 12.5 10.5 x 14.5 10.5 x 18.0 10.5 x 22.0 13.5 x 18.0 13.5 x 22.0 13.5 x 27.0 16.5 x 27.0 16.5 x 33.5 16.5 x 37.5 16.5 x 42.0 18.5 x 37.5 18.5 x 42.0 LEAD d 0.05 0.5 0.5 0.6 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.8 0.8 LEAD SPACING S 0.5 2.0 2.5 3.5 5.0 5.0 5.0 5.0 5.0 5.0 7.5 7.5 7.5 7.5 7.5 7.5 www.vishay.com 243
For technical questions contact: aluminumcaps3@vishay.com
5 0.5
S
EKS
Vishay Roederstein
Aluminum Capacitors Radial Style
ORDERING EXAMPLE
DESCRIPTION rated capacitance at 120 Hz rated voltage max. dissipation factor at 120 Hz max. equivalent series resistance at 120 Hz rated alternating current (rms) at 120 Hz and upper category temperature
ELECTRICAL DATA
SYMBOL CR UR tan RESR IR
EKS 100 F / 25 V, 20 %, size: 6.3 mm x 11 mm Leads: Long - Ordering code: EKS 00BA42210E00 Leads: Short (4.5 mm 0.5 mm) - Ordering code: EKS 05... Leads: Bent open, shortened - Ordering code: EKS 09... Leads: Bent open, shortened and formed - Ordering code: EKS 06...
Note 1. Unless otherwise specified, all electrical values apply at Tamb = 20 C, P = 80 to 120 kPa, RH = 45 to 75%.
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 100 220 330 470 1000 2200 3300 4700 6800 10000 100 220 330 470 1000 2200 3300 4700 6800 47 100 220 330 470 1000 2200 3300 4700 33 47 100 220 330 470 1000 2200 3300 NOMINAL CASE SIZE D x L (mm) 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 13 x 20 13 x 25 16 x 25 16 x 31.5 18 x 35.5 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12.5 10 x 20 13 x 25 16 x 25 16 x 31.5 16 x 40 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 13 x 20 16 x 25 16 x 31.5 18 x 35.5 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 10 x 20 13 x 25 16 x 31.5 18 x 35.5 Tan 120 Hz 0.19 0.19 0.19 0.19 0.19 0.21 0.24 0.26 0.31 0.37 0.16 0.16 0.16 0.16 0.16 0.18 0.20 0.23 0.28 0.14 0.14 0.14 0.14 0.14 0.14 0.16 0.21 0.23 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.14 0.17 RESR 120 Hz () 2.52 1.15 0.76 0.54 0.25 0.13 0.10 0.07 0.06 0.05 2.12 0.97 0.65 0.45 0.21 0.11 0.08 0.06 0.05 3.95 1.86 0.85 0.56 0.40 0.19 0.10 0.085 0.07 4.83 3.39 1.58 0.73 0.48 0.34 0.16 0.09 0.08 IR 100 kHz/105 C (mA) 105 180 259 310 575 891 1137 1444 1765 2193 131 229 280 388 677 1050 1353 1685 2055 81 137 239 340 444 830 1198 1519 1914 75 104 178 307 412 536 1001 1351 1757 WEIGHT (g) 0.5 0.8 1.1 1.1 2.0 3.8 4.5 7.0 9.0 13.0 0.8 1.1 1.1 1.5 2.5 4.5 7.0 9.0 15.0 0.5 0.8 1.1 1.5 2.0 3.8 7.0 9.0 13.0 0.5 0.8 1.1 1.5 2.0 2.5 4.5 9.0 13.0 CATALOG NUMBER EKS00AA310C00 EKS00BA322C00 EKS00PB333C00 EKS00PB347C00 EKS00DD410C00 EKS00GE422C00 EKS00GG433C00 EKS00JG447C00 EKS00JS468C00 EKS00KL510C00 EKS00BA310D00 EKS00PB322D00 EKS00PB333D00 EKS00DC347D00 EKS00DE410D00 EKS00GG422D00 EKS00JG433D00 EKS00JS447D00 EKS00KL468D00 EKS00AA247E00 EKS00BA310E00 EKS00PB322E00 EKS00DC333E00 EKS00DD347E00 EKS00GE410E00 EKS00JG422E00 EKS00JS433E00 EKS00KL447E00 EKS00AA233F00 EKS00BA247F00 EKS00PB310F00 EKS00DC322F00 EKS00DD333F00 EKS00DE347F00 EKS00GG410F00 EKS00JS422F00 EKS00KL433F00
10
16
25
35
www.vishay.com 244
For technical questions contact: aluminumcaps3@vishay.com
Document Number: 25007 Revision: 18-Aug-04
EKS
Aluminum Capacitors Radial Style
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 10 22 33 47 100 220 330 470 1000 0.47 1 2.2 3.3 4.7 10 22 33 47 100 220 330 470 2.2 3.3 4.7 10 22 33 47 100 220 220 0.47 2 2.2 3.3 4.7 10 22 33 47 100 NOMINAL CASE SIZE D x L (mm) 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 16 13 x 16 13 x 20 16 x 25 18 x 35.5 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12.5 13 x 16 13 x 20 13 x 25 16 x 31.5 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 8 x 11.5 10 x 12.5 10 x 16 13 x 20 16 x 25 16 x 25 16 x 31.5 6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 10 x 20 13 x 20 13 x 20 16 x 25 16 x 40 18 x 40 6.3 x 11.5 6.3 x 11 8 x 11.5 10 x 12.5 10 x 12.5 10 x 16 13 x 20 13 x 20 13 x 25 16 x 35.5 Tan 120 Hz 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.12 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 0.15 RESR 120 Hz () 283 133 61 41 29 13.30 6.03 4.02 2.83 1.33 0.61 0.41 0.29 0.14 0.08 11.95 5.43 3.62 2.54 1.20 0.55 0.37 0.26 0.12 226 107 49 32.2 22.6 10.7 4.83 3.22 2.26 1.07 0.49 0.33 0.23 91 61 43 20 9.10 6.10 4.24 2 0.91 0.61 424 200 91 61 43 20 9.10 6.10 4.24 2 IR 100 kHz/105 C (mA) 10 15 22 27 32 47 70 98 117 202 381 551 704 1259 1626 47 80 98 138 235 450 598 779 1377 11 16 24 29 35 58 102 146 190 356 638 781 1020 20 28 34 63 102 146 174 307 550 722 9 13 23 33 39 63 119 146 190 353 WEIGHT (g) 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.8 0.8 1.1 2.0 2.5 3.8 7.0 13.0 0.5 0.8 0.8 1.1 2.5 2.5 3.8 4.5 9.0 0.5 0.5 0.5 0.5 0.5 0.8 1.1 1.5 2.0 3.8 7.0 7.0 9.0 0.8 1.1 1.1 2.0 2.5 3.8 3.8 7.0 15.0 16.0 0.8 0.8 1.1 1.5 1.5 2.0 3.8 3.8 4.5 11.0 CATALOG NUMBER EKS00AA047H00 EKS00AA110H00 EKS00AA122H00 EKS00AA133H00 EKS00AA147H00 EKS00AA210H00 EKS00AA222H00 EKS00BA233H00 EKS00BA247H00 EKS00PB310H00 EKS00DD322H00 EKS00GD333H00 EKS00GE347H00 EKS00JG410H00 EKS00KL422H00 EKS00AA210J00 EKS00BA222J00 EKS00BA233J00 EKS00PB247J00 EKS00DC310J00 EKS00GD322J00 EKS00GE333J00 EKS00GG347J00 EKS00JS410J00 EKS00AA047L00 EKS00AA110L00 EKS00AA122L00 EKS00AA133L00 EKS00AA147L00 EKS00BA210L00 EKS00PB222L00 EKS00DC233L00 EKS00DD247L00 EKS00GE310L00 EKS00JG322L00 EKS00JG333L00 EKS00JS347L00 EKS00BA122M00 EKS00PB133M00 EKS00PB147M00 EKS00DD210M00 EKS00DE222M00 EKS00GE233M00 EKS00GE247M00 EKS00JG310M00 EKS00JK322M00 EKS00KK333M00 EKS00BA047N00 EKS00BA110N00 EKS00PB122N00 EKS00DC133N00 EKS00DC147N00 EKS00DD210N00 EKS00GE222N00 EKS00GE233N00 EKS00GG247N00 EKS00JL310N00
Vishay Roederstein
50
63
100
160
250
Document Number: 25007 Revision: 18-Aug-04
For technical questions contact: aluminumcaps3@vishay.com
www.vishay.com 245
EKS
Vishay Roederstein
Aluminum Capacitors Radial Style
ELECTRICAL DATA AND ORDERING INFORMATION
UR (V) CR 120 Hz (F) 1 2.2 3.3 4.7 10 22 33 47 100 1 2.2 3.3 4.7 10 22 33 47 1.0 2.2 1 4.7 10 22 33 47 NOMINAL CASE SIZE D x L (mm) 8 x 11.5 10 x 12.5 10 x 16 10 x 16 10 x 20 13 x 25 16 x 25 16 x 31.5 18 x 40 8 x 11.5 10 x 12.5 10 x 16 10 x 16 13 x 20 13 x 25 16 x 25.5 16 x 35.5 8 x 11.5 10 x 12.5 10 x 16 10 x 20 13 x 25 16 x 31.5 16 x 40 18 x 40 Tan 120 Hz 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 0.20 RESR 120 Hz () 266 121 81 57 26.54 12.10 8.05 5.65 2.66 266 121 81 57 26.54 12.10 8.05 5.65 266 121 81 57 26.54 12.10 8.05 5.65 IR 100 kHz/105 C (mA) 16 28 38 45 72 137 186 243 419 16 28 38 45 85 137 186 255 15 26 34 45 77 138 184 260 WEIGHT (g) 1.1 1.5 2.0 2.0 2.5 4.5 7.0 9.0 16.0 1.1 1.5 2.0 2.5 3.8 4.5 7.0 11.0 1.1 1.5 2.5 2.5 4.5 9.0 15.0 16.0 CATALOG NUMBER EKS00PB110O00 EKS00DC122O00 EKS00DD133O00 EKS00DD147O00 EKS00DE210O00 EKS00GG222O00 EKS00JG233O00 EKS00JS247O00 EKS00KK310O00 EKS00PB110X00 EKS00DC122X00 EKS00DD133X00 EKS00DD147X00 EKS00GE210X00 EKS00GG222X00 EKS00JG233X00 EKS00JL247X00 EKS00PB110P00 EKS00DC122P00 EKS00DD133P00 EKS00DE147P00 EKS00GG210P00 EKS00JS222P00 EKS00JK233P00 EKS00KK247P00
350
400
450
LOW TEMPERATURE BEHAVIOUR
IMPEDANCE RATIO Z(T2) / Z(T1) AT 120 Hz T2/T1 - 25 / + 20 C - 25 / + 20 C 10 3 6 16 2 4 RATED VOLTAGE (V) 25 - 100 160 2 3 3 4 250 3 4 350 3 4 400 / 450 8 -
LEAKAGE CURRENT
Formula for calculation of the maximum leakage current for acceptance tests IL: [Test conditions: UR , 20 C, 2 minutes (UR 100 V) / 5 minutes (UR > 100 V)] IL2 [A] 0.01 * CR [F] * UR [V] IL5 [A] 0.02 * CR [F] * UR [V] or 3 A + 15 A for UR 100 V (whichever is greater) for UR > 100 V
www.vishay.com 246
For technical questions contact: aluminumcaps3@vishay.com
Document Number: 25007 Revision: 18-Aug-04
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of EKS00DD133P00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X